Part Number Hot Search : 
2SC853 NMP400 HSM2838C 1N5620 3E7XX SM160312 S116L SMP13
Product Description
Full Text Search
 

To Download IDTQS32257 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 IDTQS32257 HIGH-SPEED CMOS QUICKSWITCH QUAD 2:1 MUX/DEMUX
INDUSTRIAL TEMPERATURE RANGE
QUICKSWITCH(R) PRODUCTS HIGH-SPEED CMOS QUICKSWITCH QUAD 2:MUX/DEMUX
.EATURES:
* * * * * * * * Enhanced N channel FET with no inherent diode to Vcc 5 bidirectional switches connect inputs to outputs Pin compatible with the 74F257, 74FCT257, and 74FCT257T Zero propagation delay, zero ground bounce Undershoot clamp diodes on all switch and control inputs 25 resistors for low noise TTL-compatible control inputs Available in SOIC, QSOP, and S1 packages
IDTQS32257
DESCRIPTION:
The QS32257 is a high-speed CMOS LVTTL-compatible Quad 2:1 multiplexer/demultiplexer. The QS32257 is a function and pinout compatible QuickSwitch version of the 74F257, 74FCT257, and the 74ALS/AS/LS257 Quad 2:1 multiplexers. The QS32257 has 25 series resistors to reduce ground noise. Mux/Demux devices provide an order of magnitude faster speed than equivalent logic devices. The QS32257 is characterized for operation at -40C to +85C.
APPLICATIONS:
* * * * * Logic replacement (data processing) Video, audio, graphics switching, muxing Hot-swapping, hot-docking Voltage translation (5V to 3.3V) Bus funneling
.UNCTIONAL BLOCK DIAGRAM
S
E I0A YA I1A I0B YB I1B I0C YC I1C I0D YD I1D
The IDT logo is a registered trademark of Integrated Device Technology, Inc.
INDUSTRIAL TEMPERATURE RANGE
1
c 2002 Integrated Device Technology, Inc.
MARCH 2002
DSC-5750/3
IDTQS32257 HIGH-SPEED CMOS QUICKSWITCH QUAD 2:1 MUX/DEMUX
INDUSTRIAL TEMPERATURE RANGE
PIN CON.IGURATION
ABSOLUTE MAXIMUM RATINGS(1)
Symbol VTERM(2) VTERM(3) Description Supply Voltage to Ground DC Switch Voltage Vs DC Input Voltage VIN AC Input Voltage (pulse width 20ns) DC Output Current Maximum Power Dissipation (TA = 85C) Storage Temperature Max -0.5 to +7 -0.5 to +7 -0.5 to +7 -3 120 0.5 -65 to +150 Unit V V V V mA W C
S I0A I1A YA I0B I1B YB GND
1 2 3
16 15 14
VCC E I0D I1D YD I0C I1C YC
VTERM(3) VAC IOUT PMAX TSTG
4 SO16-1 13 SO16-7 5 SO16-8 12 6 11 7 8
SOIC/ QSOP/ S1 TOP VIEW
10 9
NOTE: 1. Stresses greater than those listed under ABSOLUTE MAXIMUM RATINGS may cause permanent damage to the device. This is a stress rating only and functional operation of the device at these or any other conditions above those indicated in the operational sections of this specification is not implied. Exposure to absolute maximum rating conditions for extended periods may affect reliability. 2. Vcc terminals. 3. All terminals except Vcc.
CAPACITANCE
(TA = +25C, f = 1.0MHZ, VIN = 0V, VOUT = 0V)
Pins Control Pins Quickswitch Channels (Switch OFF) Demux Mux Typ. 4 5 8 Max. (1) 5 7 9 Unit pF pF
NOTE: 1. This parameter is measured at characterization but not tested.
PIN DESCRIPTION
Pin Names Ixx S E YA - YD I/O I I I O Data Inputs Select Input Enable Input Data Outputs Description
.UNCTION TABLE(1)
Enable E H L L S X L H S1 Hi-Z I0A I1A Outputs S0 Hi-Z I0B I1B YA Hi-Z I0C I1C YB Hi-Z I0D I1D Function Disconnected Select 0 Select 1
NOTE: 1. H = HIGH Voltage Level L = LOW Voltage Level X = Don't Care Z = High-Impedance
2
IDTQS32257 HIGH-SPEED CMOS QUICKSWITCH QUAD 2:1 MUX/DEMUX
INDUSTRIAL TEMPERATURE RANGE
DC ELECTRICAL CHARACTERISTICS OVER OPERATING RANGE
Following Conditions Apply Unless Otherwise Specified: Industrial: TA = -40C to +85C, VCC = 5.0V 5%
Symbol VIH VIL IIN IOZ RON(3) VP Parameter Input HIGH Level Input LOW Level Off-State Output Current (Hi-Z) Switch ON Resistance Pass Voltage(2) Test Conditions Guaranteed Logic HIGH for Control Pins Guaranteed Logic LOW for Control Pins 0V VOUT VCC, Switches OFF VCC = Min., VIN = 0V, ION = 30mA VCC = Min., VIN = 2.4V, ION =15mA VIN = VCC = 5V, IOUT = -5A Min. 2 -- -- -- 12 15 3.7 Typ.(1) -- -- -- 0.001 17 19 4 Max. -- 0.8 1 1 40 40 4.2 Unit V V A A V
Input LeakageCurrent (Control Inputs)(2) 0V VIN VCC
NOTES: 1. Typical values are at VCC = 5.0V, TA = 25C. 2. Pass Voltage is guaranteed but not production tested. 3. ROUT changed on March 8, 2002. See rear page for more information.
TYPICAL ON RESISTANCE vs VIN AT VCC = 5V
80
RON
(ohms)
70 60 50 40 30 20 10 0 0.0 0.5 1.0 1.5 2.0 2.5 3.0 3.5
VIN
(Volts)
3
IDTQS32257 HIGH-SPEED CMOS QUICKSWITCH QUAD 2:1 MUX/DEMUX
INDUSTRIAL TEMPERATURE RANGE
POWER SUPPLY CHARACTERISTICS
Symbol ICCQ ICC ICCD Parameter Quiescent Power Supply Current Power Supply Current per Control Input HIGH (2) Dynamic Power Supply Current per MHz(3) Test Conditions(1) VCC = Max., VIN = GND or Vcc, f = 0 VCC = Max., VIN = 3.4V, f = 0 VCC = Max., I and Y pins open Control Inputs Toggling at 50% Duty Cycle
NOTES: 1. For conditions shown as Min. or Max., use the appropriate values specified under DC Electrical Characteristics. 2. Per TLL driven input (VIN = 3.4V, control inputs only). I and Y pins do not contribute to Icc. 3. This current applies to the control inputs only and represents the current required to switch internal capacitance at the specified frequency. The I and Y inputs generate no significant AC or DC currents as they transition. This parameter is guaranteed but not production tested.
Max. 3 1.5 0.25
Unit A mA mA/MHz
SWITCHING CHARACTERISTICS OVER OPERATING RANGE
TA = -40C to +85C, VCC = 5.0V 5%; CLOAD = 50pF, RLOAD = 500 unless otherwise noted.
Symbol tPLH tPHL tPZH tPZL tPZH tPZL tPHZ tPLZ Data Propagation Delay (2,3) In to Y Switch Turn-on Delay Sn to Y Switch Turn-on Delay EN to Y Switch Turn-off Delay (2) EN to Y, Sn to Y 0.5 -- 5
ns
Parameter
Min. (1) -- 0.5 0.5
Typ. -- -- --
Max. 1.25(3) 6.2 5.8
Unit
ns
ns
ns
NOTES: 1. Minimums are guaranteed but not production tested. 2. This parameter is guaranteed but not production tested. 3. The bus switch contributes no propagation delay other than the RC delay of the ON resistance of the switch and the load capacitance. The time constant for the switch alone is of the order of 1.25ns for CL = 50pF. Since this time constant is much smaller than the rise and fall times of typical driving signals, it adds very little propagation delay to the system. Propagation delay of the bus switch, when used in a system, is determined by the driving circuit on the driving side of the switch and its interaction with the load on the driven side.
4
IDTQS32257 HIGH-SPEED CMOS QUICKSWITCH QUAD 2:1 MUX/DEMUX
INDUSTRIAL TEMPERATURE RANGE
ORDERING IN.ORMATION
IDTQS XXXXX Device Type XX Package
SO Q S1 32257
Small Outline IC Quarter Size Outline Package Quarter Size Outline Package High Speed CMOS Quickswitch Quad 2:1 Mux/Demux
As per PCN L0201-02, the Output Resistance (RON) specifications have changed as of March 8, 2002. The original specifications were:
Parameter RON Description VCC = Min, VIN = 0V, ION = 30mA VCC = Min, VIN = 2.4V, ION = 15mA Min. 20 20 Typ. 28 35 Max. 40 48 Unit
CORPORATE HEADQUARTERS 2975 Stender Way Santa Clara, CA 95054
for SALES: 800-345-7015 or 408-727-6116 fax: 408-492-8674 www.idt.com
for Tech Support: logichelp@idt.com (408) 654-6459
5


▲Up To Search▲   

 
Price & Availability of IDTQS32257

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X